PART |
Description |
Maker |
RFSP2010 PRFS-P2010-006 P2010-DSH_E PRFS-P2010-005 |
The RFS P2010 power amplifier is a high-performance GaAs HBT IC designed for use in a transmit applications in the 2.4-2.5 GHz frequency ... 2.4-2.5 GHz Power Amplifier From old datasheet system 2.4?2.5 GHz Power Amplifier Single-band power amplifiers 2.42.5 GHz Power Amplifier 2400 MHz - 2500 MHz RF/MICROWAVE NARROW BAND MEDIUM POWER AMPLIFIER
|
ANADIGICS[ANADIGICS, Inc] ANADIGICS[ANADIGICS Inc] ANADIGICS Inc ANADIGICS, Inc.
|
8485A 8485D Q8486D W8486A R8486A Q8486A R8486D E44 |
8485A Power Sensor, 50 MHz to 26.5 GHz 8485D Diode Power Sensor, 50 MHz to 26.5 GHz Q8486D Waveguide Power Sensor, 33 GHz to 50 GHz W8486A Waveguide Power Sensor, 75 GHz to 110 GHz R8486A Thermocouple Waveguide Power Sensor, 26.5 GHz to 40 GHz Q8486A Thermocouple Waveguide Power Sensor, 33 GHz to 50 GHz R8486D Waveguide Power Sensor, 26.5 GHz to 40 GHz E4412A Wide Dynamic Range Power Sensor, E-Series E4413A Wide Dynamic Range Power Sensor, E-Series V8486A V-band Power Sensor, 50 GHz to 75 GHz 8482B High-Power Sensor, 100 kHz to 4.2 GHz, 25W 8487A Power Sensor, 50 MHz to 50 GHz 8482H Power Sensor, 100 kHz to 4.2 GHz, 3 W 8481D Diode Power Sensor, 10 MHz to 18 GHz
|
Agilent (Hewlett-Packard)
|
CMM3566-LC-000T PB-CMM3566-LC |
3.45 to 3.5 GHz 7.0 V, 24 dBm W-cdma Power Amplifier 3.45.5 GHz 7.0伏,24 dBm的的W - CDMA功率放大 3.45 to 3.5 GHz 7.0 V, 24 dBm W-cdma Power Amplifier 3450 MHz - 3500 MHz RF/MICROWAVE NARROW BAND MEDIUM POWER AMPLIFIER
|
Mimix Broadband, Inc. MIMIX BROADBAND INC
|
AA022P2-00 |
213 GHz GaAs MMIC Medium Power Amplifier 21-23 GHz GaAs MMIC Medium Power Amplifier Circular Connector; MIL SPEC:MIL-C-5015; Body Material:Metal; Series:GT; No. of Contacts:26; Connector Shell Size:28; Connecting Termination:Solder; Circular Shell Style:Straight Plug; Body Style:Straight
|
Alpha Industries Inc ALPHA[Alpha Industries] Alpha Industries, Inc.
|
HMMC-5617 |
6-18 GHz Medium Power Amplifier
|
Agilent(Hewlett-Packard)
|
EMA302B |
22-26 GHz medium power MMIC
|
Excelics Semiconductor
|
TGA9088A-SCC |
17-21 GHz Medium Power Amplifier
|
TriQuint Semiconductor,Inc.
|
TA060-180-28-27 |
6 ~ 18 GHz 27dBm Medium Power Amplifier
|
Transcom, Inc.
|
CMM1631-SM-0G00 CMM1631-SM-0G0T CMM1631-SM0608 MIM |
16.0-18.0 GHz 1.5-Watt Power Amplifier 16000 MHz - 18000 MHz RF/MICROWAVE WIDE BAND MEDIUM POWER AMPLIFIER 16.0-18.0 GHz 1.5-Watt Power Amplifier 16.0-18.0千兆50瓦功率放大器
|
Mimix Broadband, Inc.
|
AT-42085 |
Up to 6 GHz Medium Power Silicon Bipolar Transistor
|
AVAGO TECHNOLOGIES LIMITED
|